Part Number Hot Search : 
MV5474C MX7538BQ SA40A BA6792 A8283SB STUD412S 2SB12 40140
Product Description
Full Text Search
 

To Download MUR1605CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : features low forward voltage drop fast switching for high efficiency high current capability case: molded plastic to-220ab heatsink high surge current capability weight: 2.03 grams polarity:as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. epoxy: ul 94v-0 rate flame retardant to-220ab unit : inch (mm) ? mur1605 thru mur1660 pb free plating product mur1605 thru mur1660 16.0 ampere glass passivated junction ultrafast recovery rectifiers ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 application automotive environment|dc motor control plating power supply|ups amplifier and sound device system etc.. .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85) pb -55 to + 150 mur1605ct symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 50 100 200 140 200 400 35 70 280 50 100 400 600 420 600 16.0 10.0 175 1.3 1.7 0.98 35 250 90 2.2 unit v v v v a a ua ua o c pf o cw ns 300 210 300 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range 150 "ca" common cathode suffix "ct" common anode suffix "gd" anode and cathode coexistence suffix MUR1605CA mur1605gd mur1610ct mur1610ca mur1610gd mur1620ct mur1620ca mur1620gd mur1630ct mur1630ca mur1630gd mur1640ct mur1640ca mur1640gd mur1660ct mur1660ca mur1660gd positive negative doubler common cathode case case case common anode series connection suffix "ct" suffix "ca" suffix "gd"
fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 16 8 6 4 10 13 iinstantaneous forward current, amperes 0.1 1.0 10 0.01 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 25 50 75 100 125 150 175 200 110100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 mur1605-mur1620 mur1630-mur1640 mur1660 ? mur1605 thru mur1660


▲Up To Search▲   

 
Price & Availability of MUR1605CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X